Part Number Hot Search : 
KMM53 MP7633 S6520 BDX53A C74LVX24 80C50 MZP4746 10C100A
Product Description
Full Text Search
 

To Download G60-PA-12W-W6-E27 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ver.1.1 page: 1 of 2 z product picture/ ??? z absolute maximum ratings / ??? z electrical and optical characteristics (ta=25 ) / ?? rating / parameter / ? symbol / min./ ? typ./ ?? max./ ? unit input voltage ac/ ? vin 200 220 240 v ac frequency / ?? f 47 50 63 hz input current ac/ i(rms) 0.04 0.05 0.07 a operating tem./ ? ta -25 25 50 operating hum./ ? ha 5%-95%(no water/ ? ) - storage tem./ ? ts -35~60 parameter / ? condition/ symbol / min. / ? typ./ ?? max./ ? unit power dissipation / vin=220v~,50hz pd 12 w iv(p) - 1155 - lm luminous flux / ? vin=220v~,50hz iv(w) - 1055 - lm c.t.(p) 5500 6000 6500 k color temperature / ? vin=220v~,50hz c.t.(w) 2700 3000 3200 k viewing angle / ? vin=220v~,50hz - 160 - deg z features/ ? 1. emitted color/ ? : pure white/ ? warm white/ ? 2. lens appearance/ : water clear/ ? 3. material of crust / ? 4. ce approved / ??Z ce ? 5. rohs compliant / ? rohs 6. base type / ? : e27 7. choices of luminous int ensities for indoor application/ ? ??? 8. high reliability and long life / ??? hebei i.t. (shanghai) co., lt d. G60-PA-12W-W6-E27 www.ledz.com :plastic+aluminum ??a
ver.1.1 page: 2 of 2 z package dimensions / ??? notes / ? : 1. all dimensions are in millimeters. / ??n? mm. 2. tolerance is 2 mm unless otherwise specified. / ????M? 2 mm. 3. s p ecifications are sub j ect to chan g e without notice. / ????? . base: e27 hebei i.t. (shanghai) co., lt d. G60-PA-12W-W6-E27 www.ledz.com


▲Up To Search▲   

 
Price & Availability of G60-PA-12W-W6-E27

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X